|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CHA5056-QGG - 17-27GHz High Power Amplifier - United Monolithic Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| CHA5056 | 17-27GHz High Power Amplifier | 1 2 3 4 5 More | United Monolithic Semiconductors |
| AM55-0024_1 | High Dynamic Range 2 Channel IF Amplifier with Power Control 100 - 400 MHz | 1 2 3 4 | Tyco Electronics |
| TA0012 | New High Power High Efficiency HBT GSM Power Amplifier | 1 2 3 4 | RF Micro Devices |
| CHA5052-QGG | 7-16GHz High Power Amplifier | 1 2 3 4 5 More | United Monolithic Semiconductors |
| CPA241 | HIGH POWER OPERATIONAL AMPLIFIER | 1 | Cirrus Logic |
| PA140 | HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER | 1 2 3 4 | Cirrus Logic |
| OP97_07 | Low Power High Precision Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| 2SB688 | HIGH POWER AMPLIFIER APPLICATION | 1 2 | Unisonic Technologies |
| LZY-1 | High Power Amplifier 50Ω 50W 20 to 512 MHz | 1 2 | Mini-Circuits |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|