|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CHA5056 - 17-27GHz High Power Amplifier - United Monolithic Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| CPA241 | HIGH POWER OPERATIONAL AMPLIFIER | 1 | Cirrus Logic |
| PA140 | HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER | 1 2 3 4 | Cirrus Logic |
| OP97_07 | Low Power High Precision Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| 2SB688 | HIGH POWER AMPLIFIER APPLICATION | 1 2 | Unisonic Technologies |
| LZY-1 | High Power Amplifier 50Ω 50W 20 to 512 MHz | 1 2 | Mini-Circuits |
| 2SJ114 | HIGH SPEED POWER SWITCHING HIGH FREQUENCY POWER AMPLIFIER | 1 2 3 | Hitachi Semiconductor |
| MC-7842 | HIGH GAIN CATV POWER DOUBLER AMPLIFIER | 1 2 | California Eastern Labs |
| TDA7571 | STPDACsw - Fully digital high efficiency power audio amplifier | 1 2 3 4 5 More | STMicroelectronics |
| ICL8021 | High Reliability Low Power Bipolar Operational Amplifier | 1 2 3 4 5 | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|