|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CHA3023-99F - 1-18 GHz WIDE BAND AMPLIFIER - United Monolithic Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPC2713T | 1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 | NEC |
| KTC3790S | EPITAXIAL PLANAR NPN TRANSISTOR VHF/UHF WIDE BAND AMPLIFIER APPLICATION | 1 2 3 4 5 | KEC(Korea Electronics) |
| TA4019F_07 | UHF Wide Band Amplifier Applications | 1 2 3 4 5 More | Toshiba Semiconductor |
| BGA622 | Silicon Germanium Wide Band Low Noise Amplifier | 1 2 3 4 5 More | Infineon Technologies AG |
| EF50 | PENTODE FOR USE AS WIDE BAND AND MEASURING AMPLIFIER | 1 2 3 | NXP Semiconductors |
| TA4016AFE | UHF WIDE BAND AMPLIFIER APPLICATIONS | 1 2 3 4 5 More | Toshiba Semiconductor |
| TA4022F | VHF-UHF Wide Band Amplifier Applications | 1 2 3 4 5 More | Toshiba Semiconductor |
| TA4023F | VHF-UHF Wide Band Amplifier Applications | 1 2 3 4 5 More | Toshiba Semiconductor |
| TA4401CT | 1.9 ~ 2.5 GHz Band Power Amplifier | 1 2 3 4 5 More | Toshiba Semiconductor |
| TS612_02 | DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|