|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBN12014 - 120MHz High-Loss SAW Filter 12.7MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LBN12002 | 120MHz SAW Filter 10MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBT11524 | 115MHz High-Loss SAW Filter 10.1MHz Bandwidth | 1 2 3 | List of Unclassifed Manufacturers |
| SF0070CN02353S | 70 MHz SAW Bandpass Filter 0.4 MHz bandwidth | 1 2 | Integrated Circuit Systems |
| SF0140BA03074S | 140 MHz SAW Filter 32 MHz bandwidth | 1 2 | Integrated Circuit Systems |
| LBS70A05 | 70MHz SAW Filter 2.2MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS7002L | 70MHz Low-loss SAW Filter 0.5MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBS07203 | 72MHz SAW Filter 0.3MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LB297DS01 | 297.5MHz SAW Filter 35MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A51 | 70MHz SAW Filter 7MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN03602 | 36.15MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|