|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
442TA3TBAC - Linear Motion 1/4 Watt Composition Slide Controls - CTS Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3048 | Linear Motion Potentiometer | 1 | Bourns Electronic Solutions |
| 3048L | Linear Motion Potentiometer | 1 | Bourns Electronic Solutions |
| OPA729 | 10 Watt Light Bar on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| OPA730 | 12 Watt Light Ring on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| OPA731 | 20 Watt Light Flood on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| AS5305 | Integrated Hall IC for Linear and Off-Axis Rotary Motion Detection | 1 2 | austriamicrosystems AG |
| OPA733 | 1 Watt Light Spot on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| OPA740 | 10 Watt Light Bar on Anotherm Linear Heat Spreader | 1 | OPTEK Technologies |
| MAAP-008171 | High Power PHEMT 600 - 4000 MHz 30 dBm Linear Pout 10 watt P1dB | 1 2 3 4 | Tyco Electronics |
| OPA741 | 12 Watt Light Ring on Anotherm Linear Heat Spreader with Lens | 1 | OPTEK Technologies |
Datasheet Page |
1 2 |
Link URL |
|
|