|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBN06604 - 66MHz SAW Filter 7MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LBN06603 | 66MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LB140DS07 | 140MHz Low-loss SAW Filter 7MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A50 | 70MHz SAW Filter 7MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A51 | 70MHz SAW Filter 7MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A52 | 70MHz SAW Filter 7MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A60 | 70MHz SAW Filter 7MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBT11524 | 115MHz High-Loss SAW Filter 10.1MHz Bandwidth | 1 2 3 | List of Unclassifed Manufacturers |
| SF0250BA02425S | 250 MHz SAW Bandpass Filter 80 MHz bandwidth | 1 2 3 | Integrated Circuit Systems |
| SP940 | 940.5MHz RF SAW Filter 39MHz Bandwidth | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| LBS140A02 | 140MHz SAW Filter 6MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|