|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBN06603 - 66MHz SAW Filter 8MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LB171DS01 | 171.35MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN03602 | 36.15MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN03603 | 36.1MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN03604 | 36MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| SF0140BA03114S | 140 MHz SAW Filter 16 MHz Bandwidth | 1 2 3 | Integrated Circuit Systems |
| SF0426CN02357S | 426 MHz SAW Bandpass Filter 5.16 MHz bandwidth | 1 2 | Integrated Circuit Systems |
| LBS70A14 | 70MHz SAW Filter 2MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS7039 | 70MHz SAW Filter 1MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS07603 | 76MHz SAW Filter 2MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LB415DS01 | 415MHz Low-loss SAW Filter 9MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|