|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBN04405 - 44MHz SAW Filter 18MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LBN70A53 | 70MHz SAW Filter 18MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A54 | 70MHz SAW Filter 18MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A55 | 70MHz SAW Filter 18MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN04403 | 44MHz SAW Filter 12MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS07103 | 71MHz SAW Filter 0.2MHz Bandwidth | 1 2 3 | List of Unclassifed Manufacturers |
| SF0374BA02518S | 374 MHz IF SAW Filter 17 MHz Bandwidth | 1 2 3 | Integrated Circuit Systems |
| LBS70A10 | 70MHz SAW Filter 2.1MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS7035 | 70MHz SAW Filter 2MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS07405 | 74MHz SAW Filter 4MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LB327DS01 | 327.5MHz SAW Filter 35MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|