|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBN70A53 - 70MHz SAW Filter 18MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LBS70A41 | 70MHz IF SAW Filter 3MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBN70A45 | 70MHz SAW Filter 12MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS7002L | 70MHz Low-loss SAW Filter 0.5MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBN70A47 | 70MHz SAW Filter 5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS7035 | 70MHz SAW Filter 2MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A48 | 70MHz SAW Filter 5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS7036 | 70MHz SAW Filter 1.5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A49 | 70MHz SAW Filter 5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LB070DS12 | 70MHz SAW Filter 7.2MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS7039 | 70MHz SAW Filter 1MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|