|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LB240DS01 - 240MHz SAW Filter 30MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SF0140BA03071S | 140 MHz SAW Low-Loss Filter 12 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SF0266CN02358S | 266.667 MHz SAW Bandpass Filter 0.27 MHz bandwidth | 1 2 | Integrated Circuit Systems |
| LBS140A11 | 140MHz SAW Filter 6MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS07105 | 71MHz SAW Filter 0.2MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS06301 | 62.5MHz SAW Filter 1MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBS07106 | 71MHz SAW Filter 0.22MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN14073 | 140MHz SAW Filter 24.1MHz Bandwidth | 1 2 3 | List of Unclassifed Manufacturers |
| LBS06605 | 65.6MHz SAW Filter 1MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBS07107 | 71MHz SAW Filter 0.2MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| SF0070CN02353S | 70 MHz SAW Bandpass Filter 0.4 MHz bandwidth | 1 2 | Integrated Circuit Systems |
Datasheet Page |
1 2 3 |
Link URL |
|
|