|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBS138A - 138.625 MHz SAW filter technical specification - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LBS32202 | SAW Filter Technical Specification | 1 | SIPAT Co,Ltd |
| B3608 | SAW Components Low-loss Filter 140 MHz | 1 2 3 4 5 More | EPCOS |
| B3683 | SAW Components Low-Loss Filter 382 5 MHz | 1 2 3 4 5 More | EPCOS |
| B3732 | SAW filter 433.92 MHz | 1 2 3 4 5 More | EPCOS |
| B3773 | SAW filter 868.95 MHz | 1 2 3 4 5 More | EPCOS |
| B3826 | SAW Components Low-loss Filter 570 00 MHz | 1 2 3 4 5 More | EPCOS |
| B3857 | SAW Components Low-Loss Filter 919 5 MHz | 1 2 3 4 5 More | EPCOS |
| B3886 | SAW Components Low-Loss Filter 121 00 MHz | 1 2 3 4 5 More | EPCOS |
| B4058 | SAW Components Low Loss Filter 1575.0 MHz | 1 2 3 4 5 | EPCOS |
| B4141 | SAW Components Low-Loss Filter for Mobile Communication 942 50 MHz | 1 2 3 4 5 More | EPCOS |
Datasheet Page |
1 |
Link URL |
|
|