|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CCLD-915 - Differential LVDS Clock Oscillator - Crystek Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CCLD-912 | Differential LVDS Clock Oscillator 9X14 mm SMD 3.3V LVDS | 1 | Crystek Corporation |
| CCLD-034 | 5x7mm SMD LVDS Clock Oscillator 3.3 Volts | 1 2 3 | Crystek Corporation |
| CCLD-054X-20-622.080 | LVDS Clock Oscillator | 1 2 3 | Crystek Corporation |
| MC100EP210S_06 | 2.5V 1:5 Dual Differential LVDS Compatible Clock Driver | 1 2 3 4 5 More | ON Semiconductor |
| CCLD-033 | 5x7mm SMD LVDS Clock Oscillator | 1 2 3 | List of Unclassifed Manufacturers |
| ACT9211 | LVPECL or LVDS Clock Oscillator | 1 | Advanced Crystal Technology |
| CCLD-023 | 5x7mm SMD LVDS Clock Oscillator 2.5 Volts | 1 2 3 | Crystek Corporation |
| NB6N239S | 3.3 V 3.0 GHz Any Differential Clock IN to LVDS OUT ÷1/2/4/8 ÷2/4/8/16 Clock Divider | 1 2 3 4 5 More | ON Semiconductor |
| STLVD111_07 | Programmable low voltage 1:10 differential LVDS clock driver | 1 2 3 4 5 More | STMicroelectronics |
| CCLD-024 | 5x7mm SMD LVDS Clock Oscillator 2.5 Volts | 1 2 3 | Crystek Corporation |
Datasheet Page |
1 |
Link URL |
|
|