|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RO2216D-6 - 905.800 MHz SAW Resonator - RF Monolithics, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| R854 | SAW Resonator 314 50 MHz | 1 2 3 4 | EPCOS |
| RO3103A | 418.0 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| B3640 | SAW Components Low-loss Filter 238 0 MHz | 1 2 3 4 5 More | EPCOS |
| B3684 | SAW Components Low-Loss Filter 387 5 MHz | 1 2 3 4 5 More | EPCOS |
| B3733 | SAW filter 434.42 MHz | 1 2 3 4 5 More | EPCOS |
| B3774 | SAW filter 433.92 MHz | 1 2 3 4 5 More | EPCOS |
| B3829 | SAW Components Low-loss Filter 87 0 MHz | 1 2 3 4 5 More | EPCOS |
| B3859 | SAW Components Low-Loss Filter 937 0 MHz | 1 2 3 4 5 More | EPCOS |
| B3891 | SAW Components Low-Loss Filter 71 0 MHz | 1 2 3 4 5 More | EPCOS |
| B4058 | SAW Components Low Loss Filter 1575.0 MHz | 1 2 3 4 5 | EPCOS |
Datasheet Page |
1 2 |
Link URL |
|
|