|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AUNA-202 - 1.0 W 14-16 Volts, DC- 200MHz - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SPD5615 | 1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER | 1 2 | Solid States Devices, Inc |
| 1F1 | CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts | 1 2 | Daesan Electronics Corp. |
| BY133 | CURRENT 1.0 Ampere VOLTAGE 1800 Volts | 1 2 | Daesan Electronics Corp. |
| UF4001 | CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts | 1 2 | Daesan Electronics Corp. |
| SDR1ASM | 1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER | 1 2 | Solid States Devices, Inc |
| 1F1G | CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts | 1 2 | Daesan Electronics Corp. |
| DF005 | CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts | 1 2 | Daesan Electronics Corp. |
| US1A | CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts | 1 2 | Daesan Electronics Corp. |
| SDR1D | 1.0 AMPS 200 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER | 1 2 | Solid States Devices, Inc |
| 1H1 | CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts | 1 2 | Daesan Electronics Corp. |
Datasheet Page |
1 2 |
Link URL |
|
|