|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CATTEN-0100 - 10dB Attenuator SMA 50 Ohm DC to 3GHz - CRYSTEK CORPORATION |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CATTEN-04R0 | 4dB Attenuator SMA 50 Ohm DC to 3GHz | 1 2 | CRYSTEK CORPORATION |
| CATTEN-05R0 | 5dB Attenuator SMA 50 Ohm DC to 3GHz | 1 2 | CRYSTEK CORPORATION |
| CATTEN-06R0 | 6dB Attenuator SMA 50 Ohm DC to 3GHz | 1 2 | CRYSTEK CORPORATION |
| CATTEN-07R0 | 7dB Attenuator SMA 50 Ohm DC to 3GHz | 1 2 | CRYSTEK CORPORATION |
| CATTEN-08R0 | 8dB Attenuator SMA 50 Ohm DC to 3GHz | 1 2 | CRYSTEK CORPORATION |
| CATTEN-09R0 | 9dB Attenuator SMA 50 Ohm DC to 3GHz | 1 2 | CRYSTEK CORPORATION |
| CATTEN-08R0 | 8dB Attenuator SMA 50 Ohm DC to 3GHz | 1 2 | List of Unclassifed Manufacturers |
| CATTEN-02R0 | 2dB Attenuator SMA 50 Ohm DC to 3GHz | 1 2 | List of Unclassifed Manufacturers |
| CATTEN-01R0 | 1dB Attenuator SMA 50 Ohm DC to 3GHz | 1 2 | CRYSTEK CORPORATION |
| CATTEN-01R5 | 1.5dB Attenuator SMA 50 Ohm DC to 3GHz | 1 2 | CRYSTEK CORPORATION |
Datasheet Page |
1 2 |
Link URL |
|
|