|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CHA2066-QAG - 10-16GHz Low Noise Amplifier - United Monolithic Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MT3S40T | VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION | 1 2 3 4 | Toshiba Semiconductor |
| WHM2040AE | 1.8 - 4.0 GHz LOW NOISE AMPLIFIER WHM2040AE | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| TL072 | LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | Unisonic Technologies |
| SGL-0163 | 100 - 1300 MHz Silicon Germanium Cascadable Low Noise Amplifier | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| CMM1100-BD_07 | 2.0-18.0 GHz GaAs MMIC Low Noise Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| NE76118_00 | GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER | 1 2 3 4 | NEC |
| RF2374 | 3V LOW NOISE AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
| LTC1250_05 | Very Low Noise Zero-Drift Bridge Amplifier | 1 2 3 4 5 More | Linear Technology |
| LX5561 | InGaAs - E-Mode pHEMT Low Noise Amplifier | 1 2 3 4 5 More | Microsemi Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|