|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1180026-XXX - 20.000 MHz OCXO Stratum 3E - CTS Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AXIOM60 | Miniature OCXO with Stratum III stability option | 1 2 | Advanced XTAL Products |
| AXIOM10S | OCXO in SMD package for Stratum III and Stratum IIIe | 1 2 | Advanced XTAL Products |
| 112 | 22x25mm Stratum 3 OCXO | 1 2 3 | CTS Corporation |
| AXIOM20S | OCXO in DIL14 package with Stratum III stability | 1 2 | Advanced XTAL Products |
| 114 | Dual-In-Line Stratum 3 OCXO | 1 2 | CTS Corporation |
| 117 | 1âx1â Stratum 3 OCXO | 1 2 3 4 | CTS Corporation |
| 118 | 1âx1â Stratum 3E OCXO | 1 2 3 4 | CTS Corporation |
| HCD332 | 5V OCXO HCMOS OUTPUT STRATUM 3E | 1 | Golledge Electronics Ltd |
| AXIOM30S | OCXO Miniature size with Stratum 3E stability | 1 2 | Advanced XTAL Products |
| AXIOM40S | OCXO with Stratum 3E stabilitiy | 1 2 | Advanced XTAL Products |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|