|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
212_07 - CTS 212 Rotary Switches - CTS Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RTA | 1-4 Poles Coded Rotary Switches | 1 2 3 4 | ITT Industries |
| SRM-1011ST | Rotary Switches | 1 2 | Mitsumi Electronics, Corp. |
| SRE-1211ST | Rotary Encoder Switches | 1 2 | Mitsumi Electronics, Corp. |
| SIQ-02FVS1 | Slide and Rotary Encoder Switches | 1 2 3 4 | Mitsumi Electronics, Corp. |
| EN16 | 16mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft RoHS Compliant | 1 2 3 | Bi technologies |
| MAX4850 | Dual SPDT Analog Switches with Over-Rail Signal Handling | 1 2 3 4 5 More | Maxim Integrated Products |
| SN54CBT16212A_07 | 24-BIT FET BUS-EXCHANGE SWITCHES | 1 2 3 4 5 More | Texas Instruments |
| SSP-122BHT | H=1mm Paper Slide Switches | 1 2 | Mitsumi Electronics, Corp. |
Datasheet Page |
1 2 3 |
Link URL |
|
|