|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAX9938 - 1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier - Maxim Integrated Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MP8100 | Precision High-Side Current-Sense Amplifier | 1 2 3 4 5 | Monolithic Power Systems |
| AD8224_07 | Precision Dual-Channel JFET Input Rail-to-Rail Instrumentation Amplifier | 1 2 3 4 5 More | Analog Devices |
| HA-5127_05 | 8.5MHz Ultra-Low Noise Precision Operational Amplifier | 1 2 3 4 5 More | Intersil Corporation |
| HA-5134_01 | 4MHz Precision Quad Operational Amplifier | 1 2 3 4 5 More | Intersil Corporation |
| HA-5222_01 | Dual Low Noise Wideband Precision Operational Amplifier | 1 2 3 4 5 More | Intersil Corporation |
| TQM7M6001 | Precision 100UA Gain Selectable Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| AD8500 | Micropower Precision CMOS Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| HA-5135_04 | 2.5MHz Precision Operational Amplifier | 1 2 3 4 5 More | Intersil Corporation |
| LT1991 | Precision 100UA Gain Selectable Amplifier | 1 2 3 4 5 More | Linear Integrated Systems |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|