|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TBA40-12EGWA - 101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY - Kingbright Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TA40-11GWA | 101.6mm 4.0 INCH 5x7 DOT MATRIX DISPLAY | 1 2 3 4 | Kingbright Corporation |
| TA40-11SRWA | 101.6mm 4.0 INCH 5x7 DOT MATRIX DISPLAY | 1 2 3 4 | Kingbright Corporation |
| TA40-11YWA | 101.6mm 4.0 INCH 5x7 DOT MATRIX DISPLAY | 1 2 3 4 | Kingbright Corporation |
| TBA40-11EGWA | 101.6mm 4.0 INCH 5x7 DOT MATRIX DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| TBA20-11EGWA | 50mm 2.0 INCH 5x7 DOT MATRIX DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| TA20-11YWA | 50mm 2.0 INCH 5x7 DOT MATRIX DISPLAY | 1 2 3 4 | Kingbright Corporation |
| TA20-11SRWA | 50mm 2.0 INCH 5x7 DOT MATRIX DISPLAY | 1 2 3 4 | Kingbright Corporation |
| TA20-11GWA | 50mm 2.0 INCH 5x7 DOT MATRIX DISPLAY | 1 2 3 4 | Kingbright Corporation |
| TA20-11EWA | 50mm 2.0 INCH 5x7 DOT MATRIX DISPLAY | 1 2 3 4 | Kingbright Corporation |
| TA12-11YWA | 30mm 1.2 INCH 5x7 DOT MATRIX DISPLAY | 1 2 3 4 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|