Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93S46DS Datasheet (PDF) - STMicroelectronics

M93S46DS Datasheet PDF - STMicroelectronics
Part # M93S46DS
Download  M93S46DS Download

File Size   525.45 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection

M93S46DS Datasheet (PDF)

Go To PDF Page Download Datasheet
M93S46DS Datasheet PDF - STMicroelectronics

Part # M93S46DS
Download  M93S46DS Click to download

File Size   525.45 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection

M93S46DS Datasheet (HTML) - STMicroelectronics

Back Button M93S46DS Datasheet HTML 1Page - STMicroelectronics M93S46DS Datasheet HTML 2Page - STMicroelectronics M93S46DS Datasheet HTML 3Page - STMicroelectronics M93S46DS Datasheet HTML 4Page - STMicroelectronics M93S46DS Datasheet HTML 5Page - STMicroelectronics M93S46DS Datasheet HTML 6Page - STMicroelectronics M93S46DS Datasheet HTML 7Page - STMicroelectronics M93S46DS Datasheet HTML 8Page - STMicroelectronics M93S46DS Datasheet HTML 9Page - STMicroelectronics M93S46DS Datasheet HTML 10Page - STMicroelectronics Next Button 

M93S46DS Product details

SUMMARY DESCRIPTION

This specification covers a range of 4K, 2K, 1K bit serial Electrically Erasable Programmable Memory (EEPROM) products (respectively for M93S66, M93S56, M93S46). In this text, these products are collectively referred to as M93Sx6. Figure 2. Logic Diagram and instructions used to set the memory protection. These are summarized in Table 2. and Table 3.).

A Read Data from Memory (READ) instruction loads the address of the first word to be read into an internal address pointer. The data contained at this address is then clocked out serially. The ad dress pointer is automatically incremented after the data is output and, if the Chip Select Input (S) is held High, the M93Sx6 can output a sequential stream of data words. In this way, the memory can be read as a data stream from 16 to 4096 bits (for the M93S66), or continuously as the address counter automatically rolls over to 00h when the highest address is reached.

Within the time required by a programming cycle (tW), up to 4 words may be written with help of the Page Write instruction. the whole memory may also be erased, or set to a predetermined pattern, by using the Write All instruction



FEATURES SUMMARY

■ Industry Standard MICROWIRE Bus

■ Single Supply Voltage:

   – 4.5 to 5.5V for M93Sx6

   – 2.5 to 5.5V for M93Sx6-W

   – 1.8 to 5.5V for M93Sx6-R

■ Single Organization: by Word (x16)

■ Programming Instructions that work on: Word or Entire Memory

■ Self-timed Programming Cycle with Auto Erase

■ User Defined Write Protected Area

■ Page Write Mode (4 words)

■ Ready/Busy Signal During Programming

■ Speed:

   – 1MHz Clock Rate, 10ms Write Time (Current product, identified by process identification letter F or M)

   – 2MHz Clock Rate, 5ms Write Time (New Product, identified by process identification letter W or G)

■ Sequential Read Operation

■ Enhanced ESD/Latch-Up Behavior

■ More than 1 Million Erase/Write Cycles

■ More than 40 Year Data Retention



 



Similar Part No. - M93S46DS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S46-125 STMICROELECTRONICS-M93S46-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
More results


Similar Description - M93S46DS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
   (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
November 2013 Rev 15
M93C46-WMN6P STMICROELECTRONICS-M93C46-WMN6P Datasheet
979Kb / 33P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
logo
ON Semiconductor
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
   EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com