|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ACTF474S - characteristics of SAW Filter - Advanced Crystal Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ACTF9006 | characteristics of SAW Filter | 1 2 3 | Advanced Crystal Technology |
| 856575 | 1842.5 MHz SAW Filter | 1 2 3 4 5 More | TriQuint Semiconductor |
| B9416 | SAW filter | 1 2 3 4 5 More | EPCOS |
| LBN14015 | SAW Filter Electrical Characteristic | 1 | SIPAT Co,Ltd |
| B3588 | SAW Components Low-loss Filter 915 00 MHz | 1 2 3 4 5 | EPCOS |
| B3680 | SAW Components Low-Loss Filter 352 0 MHz | 1 2 3 4 5 More | EPCOS |
| B3717 | SAW Components SAW filter 866.50 MHz | 1 2 3 4 5 More | EPCOS |
| B3770 | SAW Components Low-loss Filter 426 075 MHz | 1 2 3 4 5 More | EPCOS |
| B3822 | SAW Components Low-loss Filter 392 5 MHz | 1 2 3 4 5 More | EPCOS |
| B3852 | SAW Components Low-Loss Filter 1047 65 MHz | 1 2 3 4 5 More | EPCOS |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|