|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ACTF9006 - characteristics of SAW Filter - Advanced Crystal Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LBS07103 | 71MHz SAW Filter 0.2MHz Bandwidth | 1 2 3 | List of Unclassifed Manufacturers |
| B3607 | SAW Components Low-loss Filter 140 00 MHz | 1 2 3 4 5 More | EPCOS |
| B3682 | SAW Components Low-Loss Filter 427 5 MHz | 1 2 3 4 5 More | EPCOS |
| B3731 | SAW Components SAW filter 315.00 MHz | 1 2 3 4 5 More | EPCOS |
| B3772 | SAW Components Low-loss Filter 902 875 MHz | 1 2 3 4 5 More | EPCOS |
| B3825 | SAW Components Low-loss Filter 380 00 MHz | 1 2 3 4 5 More | EPCOS |
| B3855 | SAW Components Low-Loss Filter 169 00 MHz | 1 2 3 4 5 | EPCOS |
| B3884 | SAW Components Low-Loss Filter 439 25 MHz | 1 2 3 4 5 More | EPCOS |
| B4057 | SAW Components Low Loss Filter 1228.0 MHz | 1 2 3 4 5 | EPCOS |
Datasheet Page |
1 2 3 |
Link URL |
|
|