Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      ACT132SMX(2)

Featured Products and Offers


Datasheet

    ACT132SMX - a low height, plastic moulded package incorporating a cylinder type crystal. - Advanced Crystal Technology

Page

Part No. ACT132SMX
Description  a low height, plastic moulded package incorporating a cylinder type crystal.
Download  ACT132SMX Click to view
File Size   283.76 Kbytes / 4 Pages
Maker  ACT [Advanced Crystal Technology]
Homepage  http://www.actcrystals.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S1787Si photodiode Plastic package photodiode with low dark current 1 2 Hamamatsu Corporation
KGF1323FPower FET Plastic Package Type 1 2 3 4 5 MoreOKI electronic componets
NE34018GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER New Plastic Package 1 2 3 4 5 MoreCalifornia Eastern Labs
NE38018_00GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER New Plastic Package 1 2 3 4 5 MoreNEC
CFS0103-SB0.1-10.0 GHz Low Noise Medium Power pHEMT in a Surface Mount Plastic Package 1 2 3 4 5 MoreMimix Broadband
CFS0303-SB_070.1-10.0 GHz Low Noise Medium Power pHEMT in a Surface Mount Plastic Package 1 2 3 4 5 MoreMimix Broadband
KGF1633Power FET Plastic Package Type 1 2 3 4 5 MoreOKI electronic componets
KGF1637Power FET Plastic Package Type 1 2 3 4 5 MoreOKI electronic componets
BM-08688MD0.8 inch 20.20mm matrix height Low power requirement. 1 2 3 BRIGHT LED ELECTRONICS CORP
AL-HB436D0603 Package Super Blue SMD Chip LED Lamps 0.8mm Height 1 2 3 4 5 A-BRIGHT Inc

Datasheet Page

1 2 3 4


Link URL

Related keyword

  ACT132SMX Datasheet   ACT132SMX Cross Reference   ACT132SMX Schematic   ACT132SMX Distributor   ACT132SMX Datenblatt   ACT132SMX RoHS
  ACT132SMX Equivalent   ACT132SMX Application Notes   ACT132SMX Data Sheet   ACT132SMX component   ACT132SMX Fiche Technique   ACT132SMX Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl