|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ACT26 - a miniature cylindrical - Advanced Crystal Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| WP424SRDT | T-1 3mm CYLINDRICAL LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| AB26TRB | LOW FREQUENCY REFLOWABLE CYLINDRICAL WATCH CRYSTAL | 1 2 | Abracon Corporation |
| MVM302P12 | 3000 V Miniature Hybrid Multiplier | 1 2 | Voltage Multipliers Inc. |
| JQX-13F | MINIATURE INTERMEDIATE POWER RELAY | 1 2 3 | List of Unclassifed Manufacturers |
| RI-I03-114A-01 | Tag-it⢠HF-I STANDARD TRANSPONDER INLAYS MINIATURE RECTANGLE | 1 2 3 4 | Texas Instruments |
| TG-5010LH | TCXO MINIATURE SIZE LOW PROFILE | 1 2 | Epson Company |
| NRE-LX | Miniature Aluminum Electrolytic Capacitors | 1 2 | NIC-Components Corp. |
| NRSY | Miniature Aluminum Electrolytic Capacitors | 1 2 | NIC-Components Corp. |
| MASWML0024 | SP4T Non-Reflective Miniature Switch TTL Compatible Driver 0.5 ~ 18.0 GHz | 1 | Tyco Electronics |
| ABM8L | CERAMIC SMD ULTRA MINIATURE CONTOUR MODE QUARTZ CRYSTAL | 1 2 | Abracon Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|