|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OMIT-SS-112LM - 10A Miniature Power PC Board Relay - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OMIF-S-124LM | 20A Miniature Power PC Board Relay | 1 2 | Tyco Electronics |
| OMIH-SH-124L | 16A Miniature Power PC Board Relay | 1 2 | Tyco Electronics |
| HF14FW | MINIATURE HIGH POWER RELAY | 1 2 3 | Hongfa Technology |
| HF105F-5 | MINIATURE HIGH POWER RELAY | 1 2 3 4 | Hongfa Technology |
| HF2110 | MINIATURE HIGH POWER RELAY | 1 2 3 4 5 More | Hongfa Technology |
| JW1ASN-DC5V | COMPACT PC BOARD POWER RELAY | 1 2 3 4 5 | Nais(Matsushita Electric Works) |
| HF18FF | MINIATURE INTERMEDIATE POWER RELAY | 1 2 3 | Hongfa Technology |
| HF115F | MINIATURE HIGH POWER RELAY | 1 2 3 4 | Hongfa Technology |
| HF2160 | MINIATURE HIGH POWER RELAY | 1 2 3 4 | Hongfa Technology |
| AZ169 | MINIATURE POWER RELAY | 1 2 | ZETTLER Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|