![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
HMC-C001_07 - WIDEBAND LNA MODULE, 2 - 20 GHz - Hittite Microwave Corporation |
|
Click Here View HMC-C001_07 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| HMC-C024 | WIDEBAND DRIVER AMPLIFIER MODULE 10 MHz - 20 GHz | Hittite Microwave Corporation |
| HMC-C038 | WIDEBAND DRIVER AMPLIFIER MODULE 2 - 35 GHz | Hittite Microwave Corporation |
| HMC-C030 | WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE 8.0 - 12.5 GHz | Hittite Microwave Corporation |
| HMC-C029 | WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE 5.0 - 10.0 GHz | Hittite Microwave Corporation |
| HMC-C036 | WIDEBAND POWER AMPLIFIER MODULE 0.5 - 15 GHz | Hittite Microwave Corporation |
| HMC-C037 | WIDEBAND POWER AMPLIFIER BENCHTOP MODULE 0.5 - 15 GHz | Hittite Microwave Corporation |
| HMC-C031 | GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE 6 - 10 GHz OUTPUT | Hittite Microwave Corporation |
| HMC-C006_07 | DIVIDE-BY-4 PRESCALER MODULE 0.5 - 18 GHz | Hittite Microwave Corporation |
| FMPA2151 | 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module | Fairchild Semiconductor |
| HMC-C033 | GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE 24 - 33 GHz OUTPUT | Hittite Microwave Corporation |
Link URL |
|
|
Related keyword |
| HMC-C001_07 Datasheet | HMC-C001_07 Cross Reference | HMC-C001_07 Schematic | HMC-C001_07 Distributor | HMC-C001_07 Datenblatt | HMC-C001_07 RoHS |
| HMC-C001_07 Equivalent | HMC-C001_07 Application Notes | HMC-C001_07 Data Sheet | HMC-C001_07 component | HMC-C001_07 Fiche Technique | HMC-C001_07 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |