![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
3TA100GK04NB - Three Phase Half Bridge - Sirectifier Semiconductors |
|
Click Here View 3TA100GK04NB Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SKHIT01_07 | Thyristor driver for three phase half controlled bridge | Semikron International |
| 3TA130GKXXNB | Three Phase Half Bridge | Sirectifier Semiconductors |
| 3TA60GKXXNB | Three Phase Half Bridge | Sirectifier Semiconductors |
| 3TA200GKXXNB | Three Phase Half Bridge | Sirectifier Semiconductors |
| 3402B | 200 V - 1 000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time | Voltage Multipliers Inc. |
| GWM70-01P2 | Three phase full bridge with Trench MOSFETs in DCB isolated high current package | IXYS Corporation |
| SDA167 | 25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY | Solid States Devices, Inc |
| PS21963-S | 600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion | Mitsubishi Electric Semiconductor |
| DF200AC | Three Phase Rectifier Bridge Module | SanRex Corporation |
| 3502 | 200 V - 1 000 V Three Phase Bridge 40.0 A - 60.0 A Forward Current 70 ns - 3000 ns Recovery Time | Voltage Multipliers Inc. |
Link URL |
|
|
Related keyword |
| 3TA100GK04NB Datasheet | 3TA100GK04NB Cross Reference | 3TA100GK04NB Schematic | 3TA100GK04NB Distributor | 3TA100GK04NB Datenblatt | 3TA100GK04NB RoHS |
| 3TA100GK04NB Equivalent | 3TA100GK04NB Application Notes | 3TA100GK04NB Data Sheet | 3TA100GK04NB component | 3TA100GK04NB Fiche Technique | 3TA100GK04NB Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |