![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
12AF6 - PENTODE MINIATURE TYPE COATED UNIPOTENTIAL CATHODE - ETC |
|
Click Here View 12AF6 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 12CU5 | BEAM PENTODE MINIATURE TYPE | ETC |
| 6EH5_1 | PENTODE MINIATURE TYPE | ETC |
| 6CA7 | PENTODE MINIATURE TYPE | ETC |
| 35EH5 | PENTODE MINIATURE TYPE | ETC |
| 3HS8 | TWIN PENTODE MINIATURE TYPE | ETC |
| SBT80-06LS | Schottky Barrier Diode Twin Type , Cathode Common 60V 8A Rectifier | Sanyo Semicon Device |
| SBT250-04Y | Schottky Barrier Diode Twin Type , Cathode Common 40V 25A Rectifier | Sanyo Semicon Device |
| SBE602 | Schottky Barrier Diode Twin Type Cathode Common 30V 70mA Rectifier | Sanyo Semicon Device |
| SBT80-10J | Schottky Barrier Diode Twin Type , Cathode Common 100V 8A Rectifier | Sanyo Semicon Device |
| SBT250-06J | Schottky Barrier Diode Twin Type , Cathode Common 60V 25A Rectifier | Sanyo Semicon Device |
Link URL |
|
|
Related keyword |
| 12AF6 Datasheet | 12AF6 Cross Reference | 12AF6 Schematic | 12AF6 Distributor | 12AF6 Datenblatt | 12AF6 RoHS |
| 12AF6 Equivalent | 12AF6 Application Notes | 12AF6 Data Sheet | 12AF6 component | 12AF6 Fiche Technique | 12AF6 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |