|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AH-965H - 300 Amps, 28 VDC DC Relays - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A-712T | DC Relays 600 Amps 28 VDC | 1 | Tyco Electronics |
| B-499 | AC RELAYS 3PDT Double Break 35/200 Amps 115 VAC 400 Hz/28 VDC | 1 | Tyco Electronics |
| A-757D | A-757D SPST 600 Amps 28 VDC | 1 | Tyco Electronics |
| SFF40N30N | 40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SPD605 | 6.0 AMPS 50 - 300 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER | 1 2 | Solid States Devices, Inc |
| SFF40N30B | 40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SPD805SMS | 8 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER | 1 2 | Solid States Devices, Inc |
| SFF40N30-3 | 40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SDR4405 | 10 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 |
Link URL |
|
|