|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
60-21-R6C-AQ1R1B-3T - 0603 Package Chip LED (0.6mm Height) - Everlight Electronics Co., Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AL-HB436A | 0603 Package Super Blue SMD Chip LED Lamps 0.6mm Height | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-HG436A | 0603 Package Bluish Green SMD Chip LED Lamps 0.6mm Height | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-HG436D | 0603 Package Bluish Green SMD Chip LED Lamps 0.8mm Height | 1 2 3 4 5 | A-BRIGHT Inc |
| 19-21BHC | 0603 Package Chip LED 0.8mm Height | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| AL-HB436D | 0603 Package Super Blue SMD Chip LED Lamps 0.8mm Height | 1 2 3 4 5 | A-BRIGHT Inc |
| 10-21-G7C-BM1N2B-3T | Technical Data Sheet Preliminary 0605 Package Chip LED 0.5mm Height | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| AL-HG636A | Green SMD Chip LED Lamps 0.6mm Height | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-HGE36A | Super Yellow Green SMD Chip LED Lamps 0.6mm Height | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-HJF36A | Super Amber SMD Chip LED Lamps 0.6mm Height | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-HKB36A | Super Yellow SMD Chip LED Lamps 0.6mm Height | 1 2 3 4 5 | A-BRIGHT Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|