|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
204-15-T1C2-2QTA - Popular T-1 colorless package. - Everlight Electronics Co., Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BL-XX1361-TR8 | Hi-Eff Green Low cost plastic package. | 1 2 3 4 5 More | BRIGHT LED ELECTRONICS CORP |
| L53SYC | T-1 3/4 5mm SOLID STATE LAMPS | 1 2 3 | Kingbright Corporation |
| WP7113F3C | T-1 3/4 5mm INFRARED EMITTING DIODE | 1 2 3 4 5 More | Kingbright Corporation |
| WP34F3BT | T-1 3mm INFRA-RED EMITTING DIODE | 1 2 3 4 | Kingbright Corporation |
| WP56BYD | T-1 3/4 5mm BLINKING LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| WP59EGW-CA | T-1 3/4 5mm BI-COLOR INDICATOR LAMP | 1 2 3 4 | Kingbright Corporation |
| WP115WEGW | T-1 3mm BI-COLOR INDICATOR LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| WP424HDT | T-1 3mm CYLINDRICAL LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| WP934CB-YD | T-1 3mm RIGHT ANGLE LED INDICATOR | 1 2 3 | Kingbright Corporation |
| WP934GE-2YD | T-1 3mm BI-LEVEL LED INDICATOR | 1 2 3 4 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|