|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
42-21/BHC-AUW/1T - 1.8mm round Subminiature Chip LED - Everlight Electronics Co., Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 42-21A-BHC-ZTW-1T | 1.8mm Round Subminiature SMD Chip LED Lamps | 1 2 3 4 5 | A-BRIGHT Inc |
| 42-21SURC-S530-A4 | 1.8mm Round Subminiature SMD Chip LED Lamps | 1 2 3 4 5 | A-BRIGHT Inc |
| 42-21UYC-S530-A4 | 1.8mm Round Subminiature SMD Chip LED Lamps | 1 2 3 4 5 | A-BRIGHT Inc |
| 42-21A-GHC-YX1Y2N-1T | 1.8mm Round Subminiature Chip LEDs | 1 2 3 4 5 | A-BRIGHT Inc |
| HIR42-21C | 1.8mm Round Subminiature Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| IR42-21C | 1.8mm Round Subminiature Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| PT42-21B | 1.8mm Round Subminiature Chip Phototransistor | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| SIR91-21C | .9mm Round Subminiature âZ-Bendâ Lead Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| PD42-21B | 1.8mm Round Subminiature Silicin PIN Photodiode | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| IR26-21C | 1.6mm round Subminiature Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|