Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-406 Datasheet (PDF) - List of Unclassifed Manufacturers

MC-406 Datasheet PDF - List of Unclassifed Manufacturers
Part # MC-406
Download  MC-406 Download

File Size   173.32 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description kHz RANGE CRYSTAL UNIT SMD

MC-406 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-406 Datasheet PDF - List of Unclassifed Manufacturers

Part # MC-406
Download  MC-406 Click to download

File Size   173.32 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description kHz RANGE CRYSTAL UNIT SMD

MC-406 Datasheet (HTML) - List of Unclassifed Manufacturers

MC-406 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC-406 Datasheet HTML 2Page - List of Unclassifed Manufacturers

MC-406 Product details

[EPSON TOYOCOM]

kHz RANGE CRYSTAL UNIT SMD

• Frequency range : 32.768 kHz (20 kHz to 120 kHz)
• Thickness : 8.0 × 3.8 × 2.54 mm ···MC-306 10.41 × 4.06 × 3.6 mm ···MC-405 / 406
• Overtone order : Fundamental
• Applications : Clock and Microcomputer



Similar Part No. - MC-406

ManufacturerPart #DatasheetDescription
logo
Epson Company
MC-406 EPSON-MC-406 Datasheet
54Kb / 1P
   SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
Epson ToYoCom
MC-406 EPSONTOYOCOM-MC-406 Datasheet
354Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
MC-406 EPSONTOYOCOM-MC-406 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
logo
List of Unclassifed Man...
MC-406 ETC1-MC-406 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson Company
MC-406 EPSON-MC-406 Datasheet
365Kb / 2P
   kHz RANGE CRYSTAL UNIT
More results


Similar Description - MC-406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
MC-306 EPSONTOYOCOM-MC-306 Datasheet
354Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
List of Unclassifed Man...
Q13MC1462000412 ETC2-Q13MC1462000412 Datasheet
133Kb / 3P
   kHz Range Crystal unit
logo
Epson Company
FC-135R EPSON-FC-135R Datasheet
467Kb / 2P
   kHz RANGE CRYSTAL UNIT
FC1610AN EPSON-FC1610AN Datasheet
333Kb / 2P
   kHz RANGE CRYSTAL UNIT
MC-306 EPSON-MC-306 Datasheet
365Kb / 2P
   kHz RANGE CRYSTAL UNIT
logo
List of Unclassifed Man...
Q13MC1462000612 ETC2-Q13MC1462000612 Datasheet
133Kb / 3P
   kHz Range Crystal unit
logo
Epson Company
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-13E EPSONTOYOCOM-FC-13E Datasheet
447Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com