|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
19-213UBC - Chip LED (0.6 mm Height) - Everlight Electronics Co., Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 19-213-BHC-AN1P2 | Chip LED 0.6 mm Height | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| 19-213-GHC-YR1S2 | Chip LED 0.6 mm Height | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| 19-213SURC | Chip LED 0.6 mm Height | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| 19-213SYGC | Chip LED 0.6 mm Height | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| 16-213UYC | Chip LED 0.45 mm Height | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| BHW-ZMNQY | Chip LED 0.6mm Height | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| AL-HG435A | 0805 Package Bluish Green SMD Chip LED Lamps 1.0mm Height | 1 2 3 4 5 | A-BRIGHT Inc |
| AL-HJF35A | Super Amber SMD Chip LED Lamps 1.0mm Height | 1 2 3 4 5 | A-BRIGHT Inc |
| R7C-AN2P2B | Chip LED 0.8mm Height | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| AL-HG436A | 0603 Package Bluish Green SMD Chip LED Lamps 0.6mm Height | 1 2 3 4 5 | A-BRIGHT Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|