![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
19-213-GHC-YR1S2 - Chip LED (0.6 mm Height) - Everlight Electronics Co., Ltd |
|
Click Here View 19-213-GHC-YR1S2 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 19-213-BHC-AN1P2 | Chip LED 0.6 mm Height | Everlight Electronics Co., Ltd |
| AL-HG436D | 0603 Package Bluish Green SMD Chip LED Lamps 0.8mm Height | A-BRIGHT Inc |
| AL-HJF36D | Super Amber SMD Chip LED Lamps 0.8mm Height | A-BRIGHT Inc |
| AL-HW435A | White SMD Chip LED Lamps 1.0mm Height | A-BRIGHT Inc |
| 15-21SURC | Chip LED 1.0mm Height | Everlight Electronics Co., Ltd |
| 17-215UYC | Chip LED 0.8mm Height | Everlight Electronics Co., Ltd |
| AL-HW436D | White SMD Chip LED Lamps 0.8mm Height | A-BRIGHT Inc |
| GHC-YR1S2 | Chip LED 1.1mm Height | Everlight Electronics Co., Ltd |
| 19-21-BHC-AN1P2 | Chip LED 0.8mm Height | Everlight Electronics Co., Ltd |
| AL-HG635A | Green SMD Chip LED Lamps 1.0mm Height | A-BRIGHT Inc |
Link URL |
|
|
Related keyword |
| 19-213-GHC-YR1S2 Datasheet | 19-213-GHC-YR1S2 Cross Reference | 19-213-GHC-YR1S2 Schematic | 19-213-GHC-YR1S2 Distributor | 19-213-GHC-YR1S2 Datenblatt | 19-213-GHC-YR1S2 RoHS |
| 19-213-GHC-YR1S2 Equivalent | 19-213-GHC-YR1S2 Application Notes | 19-213-GHC-YR1S2 Data Sheet | 19-213-GHC-YR1S2 component | 19-213-GHC-YR1S2 Fiche Technique | 19-213-GHC-YR1S2 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |