![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
12BH7 - MINIATURE DOUBLE TRIODE(LOW-MU) - General Electric Company |
|
Click Here View 12BH7 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SPM6-250H | LOW COST MINIATURE DOUBLE BALANCED MIXER 50-250 MHz | SIRENZA MICRODEVICES |
| SPM6-1000M | LOW COST MINIATURE DOUBLE BALANCED MIXER 10-1000 MHz | SIRENZA MICRODEVICES |
| SPM6-2200H | LOW COST MINIATURE DOUBLE BALANCED MIXER 10-2200 MHz | SIRENZA MICRODEVICES |
| 4BZ7 | DOUBLE TRIODE MINIATURE TYPE | ETC |
| 2143-0 | Double Miniature Banana Jack | ETC |
| 6DE7_1 | MINIATURE DOUBLE TRIODE | ETC |
| TSMF3710 | High Speed Infrared Emitting Diode 870 nm GaAlAs Double Hetero | Vishay Siliconix |
| MA4EXP190H-1225 | Silicon Double Balanced HMIC Mixer 2000 - 2300 MHz | Tyco Electronics |
| BAV74_04 | High-speed double diode | NXP Semiconductors |
| 73126 | Mixers Double Balanced | Anaren Microwave |
Link URL |
|
|
Related keyword |
| 12BH7 Datasheet | 12BH7 Cross Reference | 12BH7 Schematic | 12BH7 Distributor | 12BH7 Datenblatt | 12BH7 RoHS |
| 12BH7 Equivalent | 12BH7 Application Notes | 12BH7 Data Sheet | 12BH7 component | 12BH7 Fiche Technique | 12BH7 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |