![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
383UGC - GREEN GaP LED - ETC |
|
Click Here View 383UGC Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BA-2G2UW | green chips which are made from GaP on GaP substrate. | BRIGHT LED ELECTRONICS CORP |
| NTE30106 | LED − Dual Color 5mm Super Fresh Red/Super Yellow Green | NTE Electronics |
| LT520 | GREEN LAMP LED | Seoul Semiconductor |
| SSB-COB6527GW | 65mm x 27mm VIEW AREA CHIP ON BOARD LED BACKLIGHT 565NM green | ETC |
| SSB-COB10125GW-B | 101mm x 25mm VIEW AREA CHIP ON BOARD LED BACKLIGHT 565NM green | ETC |
| BL-B21V5D | LED GaP/GaP Green Low current requirement. | BRIGHT LED ELECTRONICS CORP |
| BL-B2134N | LED GaP/GaP Green Low current requirement High efficiency. | BRIGHT LED ELECTRONICS CORP |
| BL-B3130A | LED GaP/GaP Green Low current requirement High efficiency. | BRIGHT LED ELECTRONICS CORP |
| BL-BG63R4V | LED AlInGaN Green Low current requirement. | BRIGHT LED ELECTRONICS CORP |
| BL-C2436 | LED GaP/GaP Green Low power consumption. | BRIGHT LED ELECTRONICS CORP |
Link URL |
|
|
Related keyword |
| 383UGC Datasheet | 383UGC Cross Reference | 383UGC Schematic | 383UGC Distributor | 383UGC Datenblatt | 383UGC RoHS |
| 383UGC Equivalent | 383UGC Application Notes | 383UGC Data Sheet | 383UGC component | 383UGC Fiche Technique | 383UGC Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |