![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
95108 - SUBMINIATURE TRANSMITTING PENTODE FOR USE IN RADIO SONDES - NXP Semiconductors |
|
Click Here View 95108 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 5672 | SUBMINIATURE PENTODE FOR USE AS A.F. POWER AMPLIFIER IN PORTABLE EQUIMENT | NXP Semiconductors |
| UF42 | R.F. PENTODE FOR USE AS WIDE-BAND AMPLIFIER | NXP Semiconductors |
| UF21 | PENTODE with variable mutual conductance for use as H.F. I.F. and L.F. amplifier | NXP Semiconductors |
| PL81 | PENTODE FOR USE AS LINE TIME BASE OUTPUT TUBE | NXP Semiconductors |
| EF89 | PENTODE WITH VARIABLE MUTUAL CONDUCTANCE FOR USE AS R.F. or I.F. AMPLIFIER | NXP Semiconductors |
| PF86 | PENTODE FOR USE IN TRANSITRON CIRCUITS | NXP Semiconductors |
| BCM2004_04 | BLUETOOTH RADIO FOR QUALCOMM-BASED HANDSETS | Broadcom Corporation. |
| TRM7P | RF Module for Cordless Telephone in Japan Use | Mitsumi Electronics, Corp. |
| RA07M4452M_06 | RoHS Compliance 440-520MHz 7W 7.2V 2 Stage Amp. For PORTABLE RADIO | Mitsubishi Electric Semiconductor |
| RA30H4047M1 | RF MOSFET MODULE 400-470MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO | Mitsubishi Electric Semiconductor |
Link URL |
|
|
Related keyword |
| 95108 Datasheet | 95108 Cross Reference | 95108 Schematic | 95108 Distributor | 95108 Datenblatt | 95108 RoHS |
| 95108 Equivalent | 95108 Application Notes | 95108 Data Sheet | 95108 component | 95108 Fiche Technique | 95108 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |