![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
16-213UYC/S530-XX/TR8 - Chip LED (0.45 mm Height) - Everlight Electronics Co., Ltd |
|
Click Here View 16-213UYC/S530-XX/TR8 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 16-213SURC | Chip LED 0.45 mm Height | Everlight Electronics Co., Ltd |
| 16-213SYGC | Chip LED 0.45 mm Height | Everlight Electronics Co., Ltd |
| AL-HB436D | 0603 Package Super Blue SMD Chip LED Lamps 0.8mm Height | A-BRIGHT Inc |
| W1D-APQHY | Chip LED 1.1mm Height | Everlight Electronics Co., Ltd |
| 17-21BHC | 0805 Package Chip LED 1.1mm Height | Everlight Electronics Co., Ltd |
| 12-215SURC | Chip LED 1.1 mm Height | Everlight Electronics Co., Ltd |
| 19-21BHC | 0603 Package Chip LED 0.8mm Height | Everlight Electronics Co., Ltd |
| AL-HGE36A | Super Yellow Green SMD Chip LED Lamps 0.6mm Height | A-BRIGHT Inc |
| 10-21-G7C-BM1N2B-3T | Technical Data Sheet Preliminary 0605 Package Chip LED 0.5mm Height | Everlight Electronics Co., Ltd |
| 12-215SYGC | Chip LED 1.1 mm Height | Everlight Electronics Co., Ltd |
Link URL |
|
|
Related keyword |
| 16-213UYC/S530-XX/TR8 Datasheet | 16-213UYC/S530-XX/TR8 Cross Reference | 16-213UYC/S530-XX/TR8 Schematic | 16-213UYC/S530-XX/TR8 Distributor | 16-213UYC/S530-XX/TR8 Datenblatt | 16-213UYC/S530-XX/TR8 RoHS |
| 16-213UYC/S530-XX/TR8 Equivalent | 16-213UYC/S530-XX/TR8 Application Notes | 16-213UYC/S530-XX/TR8 Data Sheet | 16-213UYC/S530-XX/TR8 component | 16-213UYC/S530-XX/TR8 Fiche Technique | 16-213UYC/S530-XX/TR8 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |