|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
M48Z35AY - 256 Kbit 32Kb x8 ZEROPOWER SRAM - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M48Z35 | 256 Kbit 32Kb x8 ZEROPOWER SRAM | 1 2 3 4 5 More | STMicroelectronics |
| M48T35 | 256 Kbit 32Kb x8 TIMEKEEPER SRAM | 1 2 3 4 5 More | STMicroelectronics |
| M48T35AY | 256 Kbit 32Kb x8 TIMEKEEPER SRAM | 1 2 3 4 5 More | STMicroelectronics |
| M48T37Y | 3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM | 1 2 3 4 5 More | STMicroelectronics |
| M48Z35AV-10PC1 | 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM | 1 2 3 4 5 More | STMicroelectronics |
| M48Z32V | 3.3V 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM | 1 2 3 4 5 More | STMicroelectronics |
| M28256 | 256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection | 1 2 3 4 5 More | STMicroelectronics |
| SST30VR021 | 2 Mbit ROM + 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo | 1 2 3 4 5 More | Silicon Storage Technology, Inc |
| M48Z02 | 16 Kbit 2Kb x 8 ZEROPOWER SRAM | 1 2 3 4 5 More | STMicroelectronics |
| M48Z12 | 5V 16 Kbit 2Kb x 8 ZEROPOWER SRAM | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|