|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PT28-21B-TR8 - 1.3mm Axial Flat Top Phototransistor - Everlight Electronics Co., Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PT19-21C | 0.8mm Height Flat Top Phototransistor | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| PT26-21B | 0.8mm Height Flat Top Phototransistor | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| PT26-21C | 0.8mm Height Flat Top Phototransistor | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| HIR19-21C | Technical Data Sheet 0.8mm Height Flat Top Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| IR19-21C-TR8 | 0.8mm Height Flat Top Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| HLMP-FW00 | 5mm Flat Top InGaN White LED Lamp | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| HIR19-21C_05 | 0.8mm Height Flat Top Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| WP13GD | 2mm FLAT TOP LED LAMP | 1 2 3 | Kingbright Corporation |
| WP13HD | 2mm FLAT TOP LED LAMP | 1 2 3 | Kingbright Corporation |
| WP13ID | 2mm FLAT TOP LED LAMP | 1 2 3 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|