|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PT26-21C/TR8 - 0.8mm Height Flat Top Phototransistor - Everlight Electronics Co., Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PT19-21C | 0.8mm Height Flat Top Phototransistor | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| PT26-21B | 0.8mm Height Flat Top Phototransistor | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| HIR19-21C_05 | 0.8mm Height Flat Top Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| HIR19-21C | Technical Data Sheet 0.8mm Height Flat Top Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| IR19-21C-TR8 | 0.8mm Height Flat Top Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| WP443EDT | 2.4mm FLAT TOP LED LAMP | 1 2 3 4 | Kingbright Corporation |
| WP443GDT | 2.4mm FLAT TOP LED LAMP | 1 2 3 4 | Kingbright Corporation |
| 19-21BHC | 0603 Package Chip LED 0.8mm Height | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| WP443HDT | 2.4mm FLAT TOP LED LAMP | 1 2 3 4 | Kingbright Corporation |
| WP443IDT | 2.4mm FLAT TOP LED LAMP | 1 2 3 4 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|