Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z08 Datasheet (PDF) - STMicroelectronics

M48Z08 Datasheet PDF - STMicroelectronics
Part # M48Z08
Download  M48Z08 Download

File Size   141.49 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8Kb x 8 ZEROPOWER SRAM

M48Z08 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48Z08 Datasheet PDF - STMicroelectronics

Part # M48Z08
Download  M48Z08 Click to download

File Size   141.49 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Kbit 8Kb x 8 ZEROPOWER SRAM

M48Z08 Datasheet (HTML) - STMicroelectronics

Back Button M48Z08 Datasheet HTML 1Page - STMicroelectronics M48Z08 Datasheet HTML 2Page - STMicroelectronics M48Z08 Datasheet HTML 3Page - STMicroelectronics M48Z08 Datasheet HTML 4Page - STMicroelectronics M48Z08 Datasheet HTML 5Page - STMicroelectronics M48Z08 Datasheet HTML 6Page - STMicroelectronics M48Z08 Datasheet HTML 7Page - STMicroelectronics M48Z08 Datasheet HTML 8Page - STMicroelectronics M48Z08 Datasheet HTML 9Page - STMicroelectronics M48Z08 Datasheet HTML 10Page - STMicroelectronics Next Button 

M48Z08 Product details

DESCRIPTION
The M48Z08/18 ZEROPOWER® RAM is an 8K x 8 non-volatile static RAM which is pin and functional compatible with the DS1225. The monolithic chip is available in two special packages to provide a highly integrated battery backed-up memory solution.
   
■ INTEGRATED ULTRA LOW POWER SRAM,
    POWER-FAIL CONTROL CIRCUIT and
    BATTERY
■ UNLIMITED WRITE CYCLES
■ READ CYCLE TIME EQUALS WRITE CYCLE
    TIME
■ AUTOMATIC POWER-FAIL CHIP DESELECT and
    WRITE PROTECTION
■ WRITE PROTECT VOLTAGES
    (VPFD = Power-fail Deselect Voltage):
    – M48Z08: 4.50V ≤ VPFD ≤ 4.75V
    – M48Z18: 4.20V ≤ VPFD ≤ 4.50V
■ SELF-CONTAINED BATTERY in the CAPHAT
    DIP PACKAGE
■ PACKAGING INCLUDES a 28 LEAD SOIC
    and SNAPHAT® TOP (to be Ordered
    Separately)
■ SOIC PACKAGE PROVIDES DIRECT
    CONNECTION for a SNAPHAT TOP which
    CONTAINS the BATTERY
■ PIN and FUNCTION COMPATIBLE with the
    DS1225 and JEDEC STANDARD 8K x 8
    SRAMs
   




Similar Part No. - M48Z08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z08-100PC1 STMICROELECTRONICS-M48Z08-100PC1 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48Z08-100PC1 STMICROELECTRONICS-M48Z08-100PC1 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z08-100PC1TR STMICROELECTRONICS-M48Z08-100PC1TR Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
More results


Similar Description - M48Z08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
March 1999
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
   64 Kbit 8Kb x8 TIMEKEEPER SRAM
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
   64 Kbit 8Kb x8 TIMEKEEPER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
   5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com