|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NTE1329 - Integrated Circuit Module − Hybrid, Audio Power Amp 20 Watt, 2 Power Supplies Required - NTE Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE1337 | Integrated Circuit Module − Hybrid Audio Power Amp 70 Watt 2 Power Supplies Required | 1 2 | NTE Electronics |
| NTE1328 | Integrated Circuit Module − Hybrid Audio Power Amp50W 2 Power Supplies Required | 1 2 | NTE Electronics |
| NTE1340 | Integrated Circuit Module Hybrid Audio Power Amplifier 24W 2 Power Supplies Required | 1 2 | NTE Electronics |
| NTE1281 | Integrated Circuit Module − Hybrid Audio Power Amplifier 50W | 1 2 | NTE Electronics |
| NTE1282 | Integrated Circuit Module − Hybrid Audio Power Amplifier 35W | 1 2 | NTE Electronics |
| NTE1028 | Integrated Circuit Module Hybrid Audio Power Amp 20W | 1 2 | NTE Electronics |
| NTE1516 | Integrated Circuit Audio Power Amp 1.8 Watt | 1 2 3 | NTE Electronics |
| NTE7032 | Integrated Circuit Module − AF Power Amp Single Channel 120W Min | 1 2 | NTE Electronics |
| NTE1381 | Integrated Circuit Audio Power Amp 2.1W | 1 2 | NTE Electronics |
| NTE1058 | Integrated Circuit Audio Power Amp 4.4 Watts | 1 2 | NTE Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|