![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
B-499 - AC RELAYS 3PDT, Double Break, 35/200 Amps, 115 VAC, 400 Hz/28 VDC - Tyco Electronics |
|
Click Here View B-499 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BH-316A | 3PST N.O. 50 Amps 28 VDC or 115 VAC 400 Hz | Tyco Electronics |
| N-417E | SPDT Double Break 100 Amps 28 VDC | Tyco Electronics |
| D-25BD | 3PDT 100 Amps 115/200 VAC 400 Hz | Tyco Electronics |
| B-125N | HARTMAN Aerospace Power Products 3PST N.O. 150 Amps 208 VAC 400 Hz | Tyco Electronics |
| SD130A | SPST 400 Amps 28 VDC | Tyco Electronics |
| A-712T | DC Relays 600 Amps 28 VDC | Tyco Electronics |
| SFA40PME | 68 AMPS 400 - 600 VOLTS 40 nsec HYPER FAST PDSITIVE CENTERTAP RECTIFIER | Solid States Devices, Inc |
| QR-50DA | HARTMAN Aerospace Power Products .25 Amp 115 VAC | Tyco Electronics |
| SDA167UF | 25 AMPS 400 - 800 VOLTS THREE PHASE BRIDGE RECTIFIER ASSEMBLY | Solid States Devices, Inc |
| SDA167 | 25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY | Solid States Devices, Inc |
Link URL |
|
|
Related keyword |
| B-499 Datasheet | B-499 Cross Reference | B-499 Schematic | B-499 Distributor | B-499 Datenblatt | B-499 RoHS |
| B-499 Equivalent | B-499 Application Notes | B-499 Data Sheet | B-499 component | B-499 Fiche Technique | B-499 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |