![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
66179 - GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER - Micropac Industries |
|
Click Here View 66179 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MAFRIN0370 | Single Junction Gull Wing Circulator 860 MHz-960 MHz | Tyco Electronics |
| MAFRIN0449 | Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz | Tyco Electronics |
| MAFRIN0453 | Single Junction Gull Wing Circulator 950 MHz-956 MHz | Tyco Electronics |
| MAFRIN0461 | Single Junction Gull Wing Circulator 902 MHz-928 MHz | Tyco Electronics |
| MAFRIN0497 | Single Junction Gull Wing Circulator 902 MHz-928 MHz | Tyco Electronics |
| HS-0546RH_06 | Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection | Intersil Corporation |
| MCT6H_04 | Optocoupler Phototransistor Output Dual Channel | Vishay Siliconix |
| PI2PCIE2412 | 1.8V PCI Express Gen-II Compliant 4-Differential Channel 2:1 Mux/DeMux Switch w/ Single Enable | Pericom Semiconductor Corporation |
| AL-XA1361-F7 | Amber Axial With Gull Wing Lead | A-BRIGHT Inc |
| 1N708A | Hermetically Sealed Axial Lead Silicon Zener Diodes | Central Semiconductor Corp |
Link URL |
|
|
Related keyword |
| 66179 Datasheet | 66179 Cross Reference | 66179 Schematic | 66179 Distributor | 66179 Datenblatt | 66179 RoHS |
| 66179 Equivalent | 66179 Application Notes | 66179 Data Sheet | 66179 component | 66179 Fiche Technique | 66179 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |