|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IR958-8P - 1.6mm Side Looking Infrared Emitting Diode - Everlight Electronics Co., Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IR26-51C | 1.6mm round Subminiature Side Looking Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| TSAL5100 | High Power Infrared Emitting Diode 950 nm GaAlAs/GaAs | 1 2 3 4 5 More | Vishay Siliconix |
| OP250 | Infrared Light Emitting Diode | 1 2 3 | OPTEK Technologies |
| TSMF3700 | GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package | 1 2 3 4 5 More | Vishay Siliconix |
| TSML1000 | High Power Infrared Emitting Diode 950 nm GaAlAs/GaAs | 1 2 3 4 5 More | Vishay Siliconix |
| OP265_06 | Plastic Infrared Emitting Diode | 1 2 3 4 | OPTEK Technologies |
| SIR-568ST3F_1 | Infrared light emitting diode top view type | 1 2 3 4 | Rohm |
| TLP4592G | The Toshiba TLP4592G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a DIP package. | 1 2 3 4 5 More | Toshiba Semiconductor |
| OPR2800 | Infrared Light Emitting Diode | 1 2 | OPTEK Technologies |
| HE8404SG | GaAlAs Infrared Emitting Diode | 1 2 3 4 5 More | Opnext. Inc. |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|