|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IR26-51C - 1.6mm round Subminiature Side Looking Infrared LED - Everlight Electronics Co., Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IR26-21C | 1.6mm round Subminiature Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| HIR42-21C | 1.8mm Round Subminiature Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| SIR91-21C | .9mm Round Subminiature âZ-Bendâ Lead Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| 42-21A-BHC-ZTW-1T | 1.8mm Round Subminiature SMD Chip LED Lamps | 1 2 3 4 5 | A-BRIGHT Inc |
| SID300 | 5phi Round Infrared LED | 1 | Sanken electric |
| SID1010M | 5phi Round Infrared LED | 1 | Sanken electric |
| IR313 | Technical Data Sheet 4.7mm Round Non-flange Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| SID1050M | 5phi Round Infrared LED Direct Mount | 1 | Sanken electric |
| SID2010 | 3phi Round Infrared LED | 1 | Sanken electric |
| IR928-6C-F | 1.5mm Side Face Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|