![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
25Z5 - TWIN DIODE HIGH VACUUM RECTIFIER VOLTAGE DOUBLER - ETC |
|
Click Here View 25Z5 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | ON Semiconductor |
| 2PF140 | AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE | Semtech Corporation |
| BAS21HT1 | High Voltage Switching Diode | ON Semiconductor |
| SPA513 | 1 AMP 15 000 to 20 000 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK | Solid States Devices, Inc |
| GMR20H150C | HIGH VOLTAGE POWER SCHOTTKY RECTIFIER | Gamma Microelectronics Inc. |
| SDAD102F | 2 500 to 15 000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER | Solid States Devices, Inc |
| SHM15SMS | 100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER | Solid States Devices, Inc |
| SB16150FCT | 16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER | Won-Top Electronics |
| FBR3 | HIGH VOLTAGE HIGH CURENT STANDARD & FAST RECOVERY SILICON RECTIFIER DIODES | Electronic devices inc. |
| SB10150F | 10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | Won-Top Electronics |
Link URL |
|
|
Related keyword |
| 25Z5 Datasheet | 25Z5 Cross Reference | 25Z5 Schematic | 25Z5 Distributor | 25Z5 Datenblatt | 25Z5 RoHS |
| 25Z5 Equivalent | 25Z5 Application Notes | 25Z5 Data Sheet | 25Z5 component | 25Z5 Fiche Technique | 25Z5 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |